Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3063 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3063
Description  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 10Page - STMicroelectronics AN3063 Datasheet HTML 11Page - STMicroelectronics AN3063 Datasheet HTML 12Page - STMicroelectronics AN3063 Datasheet HTML 13Page - STMicroelectronics AN3063 Datasheet HTML 14Page - STMicroelectronics AN3063 Datasheet HTML 15Page - STMicroelectronics AN3063 Datasheet HTML 16Page - STMicroelectronics AN3063 Datasheet HTML 17Page - STMicroelectronics AN3063 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Test results and significant waveforms
AN3063
14/33
Doc ID 16261 Rev 3
In
Figure 16 and 17 the detail of the waveforms at switching frequency shows the operation
of transition-mode control. Once the inductor has transferred all the stored energy, a falling
edge on the ZCD pin (pin #13) is detected and it will trigger a new on-time by setting the
gate drive high. As soon as the current signal on the CS pin (pin #4) reaches the level
programmed by the internal multiplier circuitry according to the input mains instantaneous
voltage and the error amplifier output level, the gate drive is set low and MOSFET
conduction is stopped. A following off-time will transfer the energy stored in the inductor into
the output capacitor and to the load. At the end of the current conduction a new
demagnetization will be detected by the ZCD that will provide for a new on-time of the
MOSFET.
Figure 14.
EVL6563H-100W TM PFC: Vds and
inductor current at 230 Vac, 50 Hz,
full load
Figure 15.
EVL6563H-100W TM PFC: Vds and
inductor current at 230 Vac, 50 Hz,
full load (detail)
CH4: Q1 drain voltage
CH2: MULT voltage - pin #3
CH1: L2 inductor current
CH4: Q1 drain voltage
CH2: MULT voltage - pin #3
CH1: L2 inductor current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com