Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3063 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3063
Description  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 20Page - STMicroelectronics AN3063 Datasheet HTML 21Page - STMicroelectronics AN3063 Datasheet HTML 22Page - STMicroelectronics AN3063 Datasheet HTML 23Page - STMicroelectronics AN3063 Datasheet HTML 24Page - STMicroelectronics AN3063 Datasheet HTML 25Page - STMicroelectronics AN3063 Datasheet HTML 26Page - STMicroelectronics AN3063 Datasheet HTML 27Page - STMicroelectronics AN3063 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Test results and significant waveforms
AN3063
24/33
Doc ID 16261 Rev 3
Figure 32.
EVL6563H on/off control by a cascaded converter controller via the
PFC_OK or RUN pin
The third communication line is the PWM_STOP (pin #11), which works in conjunction with
the RUN (pin #12). The purpose of the PWM_STOP pin is to inhibit the PWM activity of both
the PFC stage and the cascaded DC-DC converter. The pin is an open collector, normally
open, that goes low if the device is disabled by a voltage lower than 0.8 V on the RUN (pin
#12). It is important to point out that this function works correctly in systems where the PFC
stage is the master and the cascaded DC-DC converter is the slave or, in other words,
where the PFC stage starts first, powers both controllers and enables/disables the operation
of the DC-DC stage. This function is quite flexible and can be used in different ways. In
systems comprising an auxiliary converter and a main converter (e.g. a desktop PC's silver
box or hi-end flatscreen TV or monitor), where the auxiliary converter also powers the
controllers of the main converter, the RUN (pin #12) can be used to start and stop the main
converter. In the simplest case, to enable/disable the PWM controller the PWM_STOP (pin
#11) can be connected to either the output of the error amplifier or, if the chip is provided
with it, to its soft-start pin.
The EVL6563H-100W offers the possibility to test these functions by connecting it to the
cascaded converter via the series resistors R28, R29, R30. Regarding the PWM_STOP (pin
#11) pin that is an open collector type, if it needs a pull-up resistor, please connect it close to
the cascaded PWM for better noise immunity.
Figure 33.
Interface circuits that let the
L6563H switch on or off a PWM
controller, not latched
Figure 34.
Interface circuits that let the
L6563H switch on or off a PWM
controller, latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com