Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3063 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3063
Description  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 14Page - STMicroelectronics AN3063 Datasheet HTML 15Page - STMicroelectronics AN3063 Datasheet HTML 16Page - STMicroelectronics AN3063 Datasheet HTML 17Page - STMicroelectronics AN3063 Datasheet HTML 18Page - STMicroelectronics AN3063 Datasheet HTML 19Page - STMicroelectronics AN3063 Datasheet HTML 20Page - STMicroelectronics AN3063 Datasheet HTML 21Page - STMicroelectronics AN3063 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Test results and significant waveforms
AN3063
18/33
Doc ID 16261 Rev 3
Comparing
Figure 22 and 23 we can see that the input current of the latter has a better
shape and the 3rd harmonic current distortion is not noticeable. This demonstrates the
benefits of the new voltage feed-forward circuit integrated in the L6563H. Allowing a fast
response to mains disturbances but using a quite long VFF time constant provides also very
low THD and high PF at same time as confirmed by the measurements below.
Another function integrated in the L6563H is the brownout protection, which is basically a
non-latched shutdown function that must be activated when a mains undervoltage condition
is detected. This abnormal condition may cause overheating of the primary power section
due to an excess of RMS current. Brownout can also occur because the PFC pre-regulator
works in open loop and this could be dangerous to the PFC stage itself and the downstream
converter, should the input voltage return abruptly to its rated value. Another problem is the
spurious restarts that may occur during converter power-down and that cause the output
voltage of the converter not to decay to zero monotonically. For these reasons it is usually
preferable to shut down the device in case of brownout.
The brownout function is done through sensing of the input mains by an internal comparator
connected to RUN (pin #12), connected via a divider to VFF (pin #5) which delivers a voltage
signal proportional to the input mains. The enable and disable thresholds at which the
L6563H will start or stop the operation can be adjusted by modifying the divider ratio. For
additional information please see [
2 in Section 8: References].
Figure 22.
L6563 input current at 100 Vac, 50
Hz, CFF = 0.47 µF, RFF = 390 kΩ
Figure 23.
EVL6563H-100W TM PFC: input
current at 100 Vac - 50 Hz , CFF = 1
µF, RFF = 1 MΩ
THD = 5.15%, 3RD harmonic = 43 mA
CH2: MULT (pin #3)
CH3: VFF (pin #5)
CH4: I_AC
THD = 2.94%, 3RD harmonic = 30.5 mA
CH2: MULT (pin #3)
CH3: VFF (pin #5)
CH4: I_AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com