Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3063 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3063
Description  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 25Page - STMicroelectronics AN3063 Datasheet HTML 26Page - STMicroelectronics AN3063 Datasheet HTML 27Page - STMicroelectronics AN3063 Datasheet HTML 28Page - STMicroelectronics AN3063 Datasheet HTML 29Page - STMicroelectronics AN3063 Datasheet HTML 30Page - STMicroelectronics AN3063 Datasheet HTML 31Page - STMicroelectronics AN3063 Datasheet HTML 32Page - STMicroelectronics AN3063 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AN3063
PFC coil specifications
Doc ID 16261 Rev 3
29/33
7
PFC coil specifications
7.1
General description and characteristics
●
Applications: consumer, home appliance
●
Transformer type: open
●
Coil former: vertical type, 6+6 pins
●
Max. temp. rise: 45 °C
●
Max. operating ambient temp.: 60 °C
●
Mains insulation: N.A.
●
Unit finish: varnish
7.2
Electrical characteristics
●
Converter topology: boost, transition mode
●
Core type: PQ26/20 - PC44
●
Min. operating frequency: 40 kHz
●
Typical operating freq: 120 kHz
●
Primary inductance: 520 µH 10% at 1 kHz - 0.25 V (see note below)
●
Peak primary current: 4.2 Apk
●
RMS primary current: 1.4 Arms
Note:
Measured between pins #5 and #9
7.3
Electrical diagram
Figure 40.
Electrical diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com