Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3063 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3063
Description  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 13Page - STMicroelectronics AN3063 Datasheet HTML 14Page - STMicroelectronics AN3063 Datasheet HTML 15Page - STMicroelectronics AN3063 Datasheet HTML 16Page - STMicroelectronics AN3063 Datasheet HTML 17Page - STMicroelectronics AN3063 Datasheet HTML 18Page - STMicroelectronics AN3063 Datasheet HTML 19Page - STMicroelectronics AN3063 Datasheet HTML 20Page - STMicroelectronics AN3063 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN3063
Test results and significant waveforms
Doc ID 16261 Rev 3
17/33
Figure 21 shows the circuit behavior in case of a mains dip. As previously described, the
internal circuitry has detected the decreasing of the mains voltage and it has activated the
CFF internal fast discharge. As visible, in that case the output voltage changes but in few
mains cycles it comes back to the nominal value. The situation is different if we check the
performance of a controller without the VFF function. Figure 20 shows the behavior of a PFC
using the L6562A delivering similar output power. In case of a mains dip from 140 Vac to 90
Vac, the output voltage variation is not very different, but the output voltage requires a longer
time to restore the original value.
Testing with a wider voltage variation (e.g. 265 Vac to 90 Vac), the output voltage variation of
a PFC without the voltage feed-forward fast discharge is emphasized even more.
Figure 20.
L6562A input mains dip 140 Vac to
90 Vac, no VFF input
Figure 21.
EVL6563H-100W TM PFC: input
mains dip 140 Vac to 90 Vac
CH1: Vout
CH2: MULT (pin #3)
CH4: I_AC
CH1: Vout
CH2: MULT (pin #3)
CH3: VFF (pin #5)
CH4: I_AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com