Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3063 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3063
Description  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 18Page - STMicroelectronics AN3063 Datasheet HTML 19Page - STMicroelectronics AN3063 Datasheet HTML 20Page - STMicroelectronics AN3063 Datasheet HTML 21Page - STMicroelectronics AN3063 Datasheet HTML 22Page - STMicroelectronics AN3063 Datasheet HTML 23Page - STMicroelectronics AN3063 Datasheet HTML 24Page - STMicroelectronics AN3063 Datasheet HTML 25Page - STMicroelectronics AN3063 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Test results and significant waveforms
AN3063
22/33
Doc ID 16261 Rev 3
The event of an open loop is captured in
Figure 30 and 31. We can notice the protection
intervention, latching the operation of the L6563H. As highlighted in
Figure 31 the L6563H is
supplied by the HVS circuit, maintaining Vcc value above its UVLO threshold. As mentioned
previously, to restart the system, the input power must be recycled.
Figure 29.
EVL6563H-100W load transient at
115 Vac, 60 Hz, full load to no load
CH1: PFC output voltage
CH2: PFC_OK (pin #7)
CH3: gate drive (pin #15)
CH4: Iout
Figure 30.
EVL6563H-100W open loop at 115
Vac, 60 Hz, full load
Figure 31.
EVL6563H-100W open loop at 115
Vac, 60 Hz, full load, long
acquisition
CH1: PFC output voltage
CH2: Vcc (pin #16)
CH3: gate drive (pin #15)
CH4: PWM_LATCH (pin#8)
CH1: PFC output voltage
CH2: Vcc (pin #16)
CH3: gate drive (pin #15)
CH4: PWM_LATCH (pin#8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com