Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 8Page - STMicroelectronics AN4374 Datasheet HTML 9Page - STMicroelectronics AN4374 Datasheet HTML 10Page - STMicroelectronics AN4374 Datasheet HTML 11Page - STMicroelectronics AN4374 Datasheet HTML 12Page - STMicroelectronics AN4374 Datasheet HTML 13Page - STMicroelectronics AN4374 Datasheet HTML 14Page - STMicroelectronics AN4374 Datasheet HTML 15Page - STMicroelectronics AN4374 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
The PWCLK frequency choice
AN4374
12/25
DocID025366 Rev 2
4
The PWCLK frequency choice
The PWCLK frequency must be selected to avoid visible flicker on the dimmed LEDs. The
LED PWM frequency is linked to PWCLK frequency and in particular, the PWM frequency is
the PWCLK frequency dived by 65536 (16-bit counter) or 4096 (12-bit counter) related to
the configuration register set-up. To avoid LED flicker, usually, the PWM frequency must be
higher than 100 Hz; to get this set-up, the PWCLK frequency has to be higher than
100x4096 = 410 kHz with CFG-15=1 (12-bit counter), we can round at 500 kHz.
In case of 16-bit counter, the minimum PWCLK frequency must be higher than 100x65536 =
6.5 MHz with CFG-15=0 (16-bit counter), we can round at 7 MHz. Figure 13 shows the
internal PWM signal generation.
Figure 13. PWCLK counter and comparator
AM16862v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com