Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 15Page - STMicroelectronics AN4374 Datasheet HTML 16Page - STMicroelectronics AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics AN4374 Datasheet HTML 19Page - STMicroelectronics AN4374 Datasheet HTML 20Page - STMicroelectronics AN4374 Datasheet HTML 21Page - STMicroelectronics AN4374 Datasheet HTML 22Page - STMicroelectronics AN4374 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID025366 Rev 2
19/25
AN4374
LED supply voltage
25
6
LED supply voltage
The choice of the LED supply voltage (VLED) must be carried out considering several
parameters:
•
The voltage drop across current generators (VO) must guarantee the desired current
(see dedicated section in the datasheet).
•
The maximum LED forward voltage (VF,max).
•
The maximum power can be dissipated by the package under the application ambient
conditions.
•
The accuracy of the supply voltage itself (VLED can vary in a range and the minimum
value should be considered).
Therefore the minimum LED supply voltage can be calculated as:
Equation 1
The LED supply voltage should be higher than VLED,min (to consider any fluctuation of the
involved parameters) but not too high in order to keep low the power dissipation:
Equation 2
where VDD is the device voltage supply, IDD the device supply current, VO,i and ICHi are
respectively the voltage drop across, the current generator i and the channel current i (the
worst case is to consider all channels connected to LEDs at minimum VF and maximum
VLED). In particular the power dissipation should be kept below the maximum power
dissipation, defined as:
Equation 3
where Tj and Ta are respectively the junction and the ambient temperature, whereas Ɵja is
the junction-to-ambient thermal resistance. Junction temperature should be maintained
below 125 °C for industrial devices and below 150 °C for automotive grade devices. To
summarize, the choice of the proper power supply must be a trade-off between the correct
value assuring the desired LED current and the low power dissipation. In RGB applications,
there can be a significant variability of the LED forward voltage (e.g. red LEDs have a lower
forward voltage compared to green and blue ones).
In this case, the supply voltage must be chosen high enough to correctly switch on the LEDs
with the highest forward voltage (green or blue). However this supply voltage is higher than
the voltage required by red LEDs. Thus, the excess of voltage in the lines with red LEDs
drops on the current generators, brings an increase of the power dissipation and loss of
efficiency.
V
LED,min
V
o,typ
V
F,max
+
=
P
D
V
DD
I
DD
V
0i
,
I
CHi
⋅
il
=
16
+
⋅
=
P
D,max
T
j
T
a
–
()
θ
ja
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com