Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 12Page - STMicroelectronics AN4374 Datasheet HTML 13Page - STMicroelectronics AN4374 Datasheet HTML 14Page - STMicroelectronics AN4374 Datasheet HTML 15Page - STMicroelectronics AN4374 Datasheet HTML 16Page - STMicroelectronics AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics AN4374 Datasheet HTML 19Page - STMicroelectronics AN4374 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Output error detection
AN4374
16/25
DocID025366 Rev 2
Figure 18. LED1642GW and ALED1642GW error detection: short detection start
Clk
LE
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
first bit
last bit
Short detection start: 10 CLK rising edges when the LE is “1”
Data signal doesn't care; LE is high for 10 clock rising edges
AM16867v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com