Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 14Page - STMicroelectronics AN4374 Datasheet HTML 15Page - STMicroelectronics AN4374 Datasheet HTML 16Page - STMicroelectronics AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics AN4374 Datasheet HTML 19Page - STMicroelectronics AN4374 Datasheet HTML 20Page - STMicroelectronics AN4374 Datasheet HTML 21Page - STMicroelectronics AN4374 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Output error detection
AN4374
18/25
DocID025366 Rev 2
Error detection conditions:
During the error detection phases for each channel, the following parameters are checked:
•
The output current in open detection mode (digital key: 9 CLK rising edges when LE is
"1").
•
The output voltage in short detection (digital key: 10 CLK rising edges when LE is "1").
•
Both parameters (output voltage and current) in combined error detection mode (digital
key: 11 CLK rising edges when LE is "1").
The thresholds for the error diagnostics are listed in Table 5:
Table 5. Diagnostics thresholds
Error detection modes
Checked
malfunction
CFG-9 CFG-8
Thresholds (V)
Min.
Typ.
Max.
Open
detection
Combined
mode
Open line or output
short to GND
xx
Io ≤ 0.5 x Io_programmed
Short
detection
Short on LED or
short to VLED
00
1.15
Vo ≥ 1.8
2.05
01
2.25
Vo ≥ 2.5
2.75
10
2.75
Vo ≥ 3.0
3.25
11
3.25
Vo ≥ 3.5
3.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com