Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 13Page - STMicroelectronics AN4374 Datasheet HTML 14Page - STMicroelectronics AN4374 Datasheet HTML 15Page - STMicroelectronics AN4374 Datasheet HTML 16Page - STMicroelectronics AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics AN4374 Datasheet HTML 19Page - STMicroelectronics AN4374 Datasheet HTML 20Page - STMicroelectronics AN4374 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DocID025366 Rev 2
17/25
AN4374
Output error detection
25
Figure 19. LED1642GW and ALED1642GW error detection: combined detection start
Figure 20. LED1642GW and ALED1642GW error detection: detection end
Clk
LE
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
first bit
last bit
Combined detection start: 11 CLK rising edges when the LE is “1”
Data signal doesn't care; LE is high for 11 clock rising edges
AM16868v1
Clk
LE
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
first bit
last bit
Detection end: 12 CLK rising edges when the LE is “1” + 16 CLK rising edges for SDO data output
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Data signal doesn't care; LE is high for 12 clock rising edges on first 16-bit word
AM16869v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com