Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics AN4374 Datasheet HTML 19Page - STMicroelectronics AN4374 Datasheet HTML 20Page - STMicroelectronics AN4374 Datasheet HTML 21Page - STMicroelectronics AN4374 Datasheet HTML 22Page - STMicroelectronics AN4374 Datasheet HTML 23Page - STMicroelectronics AN4374 Datasheet HTML 24Page - STMicroelectronics AN4374 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
PCB layout guidelines
AN4374
22/25
DocID025366 Rev 2
example, with 1 MHz CLK frequency, an adequate value could be 15 ns (e.g. 100
Ohm + 150 pF).
Figure 21. Interface signal filtering
Radiated emission reduction (EMI)
–
In order to decrease the electromagnetic noise during LED power-on/off, the driver
output lines should follow the shortest path "power rail/LED/driver". Besides, in
order to keep the system stability, a good electrolytic capacitor should be
connected to the power supply rail as near as possible the LED anodes (the
inductive LED power supply rail component should be compensated by added
capacitance; in case of wide PCB, place more distributed capacitors). Another
filter capacitor must be added to each driver power supply pin (VDD).
–
Shorten as minimum as possible the SPI connection strips (from controller to LED
driver).
Device thermal management
–
In order to improve the power dissipation (to decrease the device working
temperature), solder the package exposed pad (if available) to the board.
–
In order to improve the thermal performance at least a 4-layer (e.g. 2S2P) PCB
should be used.
–
The copper area below the package thermal pad should be as large as possible,
outside the package perimeter (using the package sides without pins).
–
A reasonable number of vias must connect the copper area below the package to
all available PCB layers especially just below the device package (e.g. 3x3 or 4x3
vias array) but also outside the package perimeter. Smaller and closely spaced
poor signal
good signal
CLK, LE, etc.
CLK, LE, etc.
Proper filtering to
improve digital
signal quality
AM16870v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com