Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 10Page - STMicroelectronics AN4374 Datasheet HTML 11Page - STMicroelectronics AN4374 Datasheet HTML 12Page - STMicroelectronics AN4374 Datasheet HTML 13Page - STMicroelectronics AN4374 Datasheet HTML 14Page - STMicroelectronics AN4374 Datasheet HTML 15Page - STMicroelectronics AN4374 Datasheet HTML 16Page - STMicroelectronics AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Output error detection
AN4374
14/25
DocID025366 Rev 2
Figure 15. Digital key summary chart-detection
Table 4. Digital key summary-detection
Number
#CLK rising edge when the LE is 1
Command description
11-2
Write switch (to turn on/off output
channels)
2
3-4
Brightness data latch
3
5-6
Brightness global latch
4
7
Write configuration register
5
8
Read configuration register
6
9
Start open error detection mode
7
10
Start short error detection mode
8
11
Start combined error detection mode
9
12
End error detection mode
10
13
Thermal error reading
11
14
Reserved
12
15
Reserved
CLK
LE
LE
LE
LE
LE
LE
LE
LE
LE
W
Write Switch
Data Latch
Global Latch
Write CR
Read CR
Start Open Error Detection
Start Short Error Detection
Start Combined Detection
End Error Detection
LE
Thermal Error Reading
AM16864v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com