Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 9Page - STMicroelectronics AN4374 Datasheet HTML 10Page - STMicroelectronics AN4374 Datasheet HTML 11Page - STMicroelectronics AN4374 Datasheet HTML 12Page - STMicroelectronics AN4374 Datasheet HTML 13Page - STMicroelectronics AN4374 Datasheet HTML 14Page - STMicroelectronics AN4374 Datasheet HTML 15Page - STMicroelectronics AN4374 Datasheet HTML 16Page - STMicroelectronics AN4374 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID025366 Rev 2
13/25
AN4374
Output error detection
25
5
Output error detection
Stopping the normal activity of the display and turning on all driver channels allows the error
detection to be performed and failed LED or display defects to be checked. The error
detection is active when the CFG -7 bit in the configuration register is "0". The diagnostics is
performed as shown in Figure 14:
Figure 14. Normal detection sequence
The LED has to be selected turning on the relative channel on the switch register
(powering on or off the output channels); the brightness register value for this channel
cannot be zero.
The appropriate digital key must be sent (seeTable 4 and Figure 15) to choose the type
of detection (open, short or combined):
AM16863v1
Normal detection sequence
Read error detection result on
SDO in 16 clock pulses after
detection end command
Turn on LED by PWCLK
pulses for at least 1 µs
Send open, short or combined
error detection start command
by LE digital keys
Select LED to be turned on and
checked in switch register
data; brightness for selected
channels cannot be zero.
Select normal error detection mode
on CFG register (bit 7 = “0”)
Send error detection end
command by LE digital key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com