Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4504 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 2Page - STMicroelectronics AN4504 Datasheet HTML 3Page - STMicroelectronics AN4504 Datasheet HTML 4Page - STMicroelectronics AN4504 Datasheet HTML 5Page - STMicroelectronics AN4504 Datasheet HTML 6Page - STMicroelectronics AN4504 Datasheet HTML 7Page - STMicroelectronics AN4504 Datasheet HTML 8Page - STMicroelectronics AN4504 Datasheet HTML 9Page - STMicroelectronics AN4504 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
1
Registers
Table 1. Registers
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
WHO_AM_I
0Fh
1
1
0
1
0
0
1
1
CTRL_REG1
20h
DR1
DR0
BW1
BW0
PD
Zen
Yen
Xen
CTRL_REG2
21h
0
0
HPM1
HPM0
HPCF3
HPCF2
HPCF1
HPCF0
CTRL_REG3
22h
I1_Int1
I1_Boot
H_Lactive
PP_OD
I2_DRDY
I2_WTM
I2_ORun
I2_Empty
CTRL_REG4
23h
BDU
BLE
FS1
FS0
-
ST1
ST0
SIM
CTRL_REG5
24h
BOOT
FIFO_EN
--
HPen
INT1_Sel1
INT1_Sel0
Out_Sel1
Out_Sel0
REFERENCE
25h
REF7
REF6
REF5
REF4
REF3
REF2
REF1
REF0
OUT_TEMP
26h
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
STATUS_REG
27h
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
OUT_X_L
28h
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
OUT_X_H
29h
XD15
XD14
XD13
XD12
XD11
XD10
XD9
XD8
OUT_Y_L
2Ah
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0
OUT_Y_H
2Bh
YD15
YD14
YD13
YD12
YD11
YD10
YD9
YD8
OUT_Z_L
2Ch
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
ZD1
ZD0
OUT_Z_H
2Dh
ZD15
ZD14
ZD13
ZD12
ZD11
ZD10
ZD9
ZD8
FIFO_CTRL_REG
2Eh
FM2
FM1
FM0
WTM4
WTM3
WTM2
WTM1
WTM0
FIFO_SRC_REG
2Fh
WTM
OVRN
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
INT1_CFG
30h
AND/OR
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
INT1_SRC
31h
-
IA
ZH
ZL
YH
YL
XH
XL
INT1_THS_XH
32h
-
THSX14
THSX13
THSX12
THSX11
THSX10
THSX9
THSX8
INT1_THS_XL
33h
THSX7
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
INT1_THS_YH
34h
-
THSY14
THSY13
THSY12
THSY11
THSY10
THSY9
THSY8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com