Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4504 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 14Page - STMicroelectronics AN4504 Datasheet HTML 15Page - STMicroelectronics AN4504 Datasheet HTML 16Page - STMicroelectronics AN4504 Datasheet HTML 17Page - STMicroelectronics AN4504 Datasheet HTML 18Page - STMicroelectronics AN4504 Datasheet HTML 19Page - STMicroelectronics AN4504 Datasheet HTML 20Page - STMicroelectronics AN4504 Datasheet HTML 21Page - STMicroelectronics AN4504 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Interrupt generation
AN4504
18/41
DocID026419 Rev 1
5
Interrupt generation
The L3G4200D interrupt signal can be configured in a very flexible way, allowing to
recognize independent rotations of the X-,Y- and Z-axis. The interrupt signal can be driven
to the INT1 pin. The INT2 pin is dedicated to DRDY and FIFO interrupts.
5.1
Interrupt pin configuration
The device is provided with two pins which can be activated to generate either the data-
ready or the interrupt signals. The functionality of the pins is selected through
CTRL_REG3(22h). Refer to Table 15 and to the block diagram given in Figure 6.
Figure 6. Interrupt signals and interrupt pins
Table 15. CTRL_REG3 register
I1_Int1
I1_Boot
H_Lactive
PP_OD
I2_DRDY
I2_WTM
I2_ORun
I2_Empty
Table 16. CTRL_REG3 description
I1_Int1
Interrupt enable on the INT1 pin. Default value 0. (0: Disable; 1: Enable)
I1_Boot
Boot status available on INT1. Default value 0. (0: Disable; 1: Enable)
H_Lactive
Interrupt active configuration on INT1. Default value 0. (0: High; 1:Low)
PP_OD
Push-pull / Open drain. Default value: 0. (0: Push-pull; 1: Open drain)
I2_DRDY
Date Ready on DRDY/INT2. Default value 0. (0: Disable; 1: Enable)
I2_WTM
FIFO Watermark interrupt on DRDY/INT2. Default value: 0. (0: Disable; 1: Enable)
I2_ORun
FIFO Overrun interrupt on DRDY/INT2 Default value: 0. (0: Disable; 1: Enable)
I2_Empty
FIFO Empty interrupt on DRDY/INT2. Default value: 0. (0: Disable; 1: Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com