Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4504 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 15Page - STMicroelectronics AN4504 Datasheet HTML 16Page - STMicroelectronics AN4504 Datasheet HTML 17Page - STMicroelectronics AN4504 Datasheet HTML 18Page - STMicroelectronics AN4504 Datasheet HTML 19Page - STMicroelectronics AN4504 Datasheet HTML 20Page - STMicroelectronics AN4504 Datasheet HTML 21Page - STMicroelectronics AN4504 Datasheet HTML 22Page - STMicroelectronics AN4504 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
DocID026419 Rev 1
19/41
AN4504
Interrupt generation
41
5.2
Interrupt configuration
The L3G4200D offers several possibilities to personalize the interrupt signal. The registers
involved in the interrupt generation behavior are INT1_CFG, INT1_THS and
INT1_DURATION.
Whenever an interrupt condition is verified, the interrupt signal is generated and by reading
the INT1_SRC register it is possible to understand which condition happened.
Reading INT1_SRC also clears the INT1_SRC IA bit (and eventually the interrupt signal on
the INT1 pin) and allows the refresh of data in the INT1_SRC register if the latched option
was chosen.
Table 17. INT1_CFG register
AND/OR
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 18. INT1_CFG description
AND/OR
AND/OR combination of interrupt events. Default value: 0
(0: OR combination of interrupt events 1: AND combination of interrupt events
LIR
Latch interrupt request. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
Cleared by reading INT1_SRC reg.
ZHIE
Enable interrupt generation on Z high event. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured rate value
higher than preset threshold)
ZLIE
Enable interrupt generation on Z low event. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured rate value lower
than preset threshold)
YHIE
Enable interrupt generation on Y high event. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured rate value
higher than preset threshold)
YLIE
Enable interrupt generation on Y low event. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured rate value lower
than preset threshold)
XHIE
Enable interrupt generation on X high event. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured rate value
higher than preset threshold)
XLIE
Enable interrupt generation on X low event. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured rate value lower
than preset threshold)
Table 19. Interrupt mode configuration
AND/OR bit
Interrupt mode
0
OR combination of interrupt events
1
AND combination of interrupt events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com