Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4504 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 20Page - STMicroelectronics AN4504 Datasheet HTML 21Page - STMicroelectronics AN4504 Datasheet HTML 22Page - STMicroelectronics AN4504 Datasheet HTML 23Page - STMicroelectronics AN4504 Datasheet HTML 24Page - STMicroelectronics AN4504 Datasheet HTML 25Page - STMicroelectronics AN4504 Datasheet HTML 26Page - STMicroelectronics AN4504 Datasheet HTML 27Page - STMicroelectronics AN4504 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Interrupt generation
AN4504
24/41
DocID026419 Rev 1
5.5.2
HP filter bypassed
This paragraph provides a basic algorithm which shows the practical use of the wake-up
feature. In particular, with the code below, the device is configured to recognize when the
absolute angular rate along either the X-, Y-, or Z-axis exceeds a preset threshold (100 dps
used in the example). The event which triggers the interrupt is latched inside the device and
its occurrence is signaled through the use of the INT1 pin.
5.5.3
Using the HP filter
The code provided below gives a basic routine which shows the practical use of the wake-
up feature performed on high-pass filtered data. In particular the device is configured to
recognize when the high-frequency component of the angular rate applied along either the
X-, Y-, or Z-axis exceeds a preset threshold (100 dps used in the example).
The event which triggers the interrupt is latched inside the device and its occurrence is
signaled through the use of the INT1 pin.
1
Write 0Fh into CTRL_REG1
// Turn on the sensor and enable X, Y, and Z
// ODR = 100 Hz
2
Write 00h into CTRL_REG2
// High-pass filter disabled
3
Write 80h into CTRL_REG3
// Interrupt driven to INT1 pad
4
Write 00h into CTRL_REG4
// FS = 250 dps
5
Write 2Ch into INT1_THS_XH
// Threshold = 100 dps
6
Write A4h into INT1_THS_XL
// Threshold = 100 dps
7
Write 00h into INT1_DURATION
// Duration = 0
8
Write 02h into INT1_CFG
// Enable XH interrupt generation
9
Poll INT1 pad; if INT1=0 then go to 8
// Poll INT1 pin waiting for the
// wake-up event
10 Read INT1_SRC
// Return the event that has triggered the
// interrupt
11
(Wake-up event has occurred; insert
your code here)
// Event handling
12 Go to 8
1
Write 0Fh into CTRL_REG1
// Turn-on the sensor and enable X, Y, and Z
// ODR = 100 Hz
2
Write 00h into CTRL_REG2
// High-pass filter in normal mode
3
Write 80h into CTRL_REG3
// Interrupt driven to INT1 pad
4
Write 00h into CTRL_REG4
// FS = 250 dps
5
Write 05h into CTRL_REG5
// Data in DataReg and FIFO are high-pass filtered
// High-pass-filtered data are used for interrupt
// generation
6
Write 2Ch into INT1_THS_XH
// Threshold = 100 dps
7
Write A4h into INT1_THS_XL
// Threshold = 100 dps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com