| Electronic Components Datasheet Search |
|
AN4504 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4504 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 41 page ![]() Interrupt generation AN4504 22/41 DocID026419 Rev 1 5.5 Selective axis movement and wake-up interrupts The L3G4200D interrupts signal can behave as selective axis movement detection and wake-up. Whenever an interrupt condition is verified, the interrupt signal is generated and by reading the INT1_SRC register it is possible to understand which condition happened. The selective axis movement detection signal (SA) and wake-up signal (WU) interrupt generation block is represented in Figure 9. The SA or WU interrupt generation is selected through the AND/OR bit in the INT1_CFG register. If the AND/OR bit is ‘0’, signals coming from the comparators for the axis enabled through the INT1_CFG register are put in logical OR. In this case, interrupt is generated when at least one of the enabled axes exceeds the threshold written in the module in the INT1_THS_xH and INT1_THS_xL registers. Otherwise, if the AND/OR bit is ‘1’, signals coming from the comparators enter a “NAND” port. In this case an interrupt signal is generated only if all the enabled axes are passing the threshold. The LIR bit of INT1_CFG allows deciding if the interrupt request must be latched or not. If the LIR bit is ‘0’ (default value), the interrupt signal goes high when the interrupt condition is satisfied and returns to low immediately if the interrupt condition is no longer verified. Otherwise, if the LIR bit is ‘1’, whenever an interrupt condition is applied the interrupt signal remains high even if the condition returns to a non-interrupt status until a read of the INT1_SRC register is performed. The ZHIE, ZLIE, YHIE, YLIE, XHIE, and XLIE bits of the INT1_CFG register allow deciding on which axis the interrupt decision must be performed and on which direction the threshold must be passed to generate the interrupt request. Figure 9. No-move, wake-up interrupt generator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |