Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4504 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 8Page - STMicroelectronics AN4504 Datasheet HTML 9Page - STMicroelectronics AN4504 Datasheet HTML 10Page - STMicroelectronics AN4504 Datasheet HTML 11Page - STMicroelectronics AN4504 Datasheet HTML 12Page - STMicroelectronics AN4504 Datasheet HTML 13Page - STMicroelectronics AN4504 Datasheet HTML 14Page - STMicroelectronics AN4504 Datasheet HTML 15Page - STMicroelectronics AN4504 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Reading angular rate data
AN4504
12/41
DocID026419 Rev 1
3.5
Understanding angular rate data
The measured angular rate data are sent to the OUT_X_H, OUT_X_L, OUT_Y_H,
OUT_Y_L, OUT_Z_H, and OUT_Z_L registers. These registers contain, respectively, the
most significant part and the least significant part of the angular rate signals acting on the X,
Y, and Z axes.
The complete angular rate data for the X (Y, Z) channel is given by the concatenation
OUT_X_H & OUT_X_L (OUT_Y_H & OUT_Y_L, OUT_Z_H & OUT_Z_L) and it is
expressed as a two’s complement number.
3.5.1
Data alignment
Angular rate data are represented as 16-bit numbers and are left-justified.
3.5.2
Big-little endian selection
The L3G4200D allows swapping the content of the lower and the upper part of the angular
rate registers (i.e. OUT_X_H with OUT_X_L) in order to be compliant with both little-endian
and big-endian data representations.
“Little Endian” means that the low-order byte of the number is stored in memory at the
lowest address, and the high-order byte at the highest address (the little end comes first).
This mode corresponds to bit BLE in CTRL_REG4 set to 0 (default configuration).
On the contrary, “Big Endian” means that the high-order byte of the number is stored in
memory at the lowest address, and the low-order byte at the highest address.
3.5.3
Example of angular rate data
Table 6 provides a few basic examples of the data that is read in the data registers when the
device is subject to a given angular rate. The values listed in the table are given under the
hypothesis of perfect device calibration (i.e. no offset, no gain error,....) and practically show
the effect of the BLE bit.
Table 6. Output data registers content vs. angular rate (FS = 250 dps)
Angular rate values
BLE = 0
BLE = 1
Register address
28h
29h
28h
29h
0 dps
00h
00h
00h
00h
100 dps
A4h
2Ch
2Ch
A4h
200 dps
49h
59h
59h
49h
-100 dps
5Ch
C4h
C3h
5Ch
-200 dps
B7h
A6h
A6h
B7h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com