Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4504 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 7Page - STMicroelectronics AN4504 Datasheet HTML 8Page - STMicroelectronics AN4504 Datasheet HTML 9Page - STMicroelectronics AN4504 Datasheet HTML 10Page - STMicroelectronics AN4504 Datasheet HTML 11Page - STMicroelectronics AN4504 Datasheet HTML 12Page - STMicroelectronics AN4504 Datasheet HTML 13Page - STMicroelectronics AN4504 Datasheet HTML 14Page - STMicroelectronics AN4504 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DocID026419 Rev 1
11/41
AN4504
Reading angular rate data
41
The check performed at step 3 allows understanding whether the reading rate is adequate
compared to the data production rate. In case one or more angular rate samples have been
overwritten by new data, because of an insufficient reading rate, the ZYXOR bit of
STATUS_REG is set to 1.
The overrun bits are automatically cleared when all the data present inside the device have
been read and new data have not been produced in the meantime.
3.3
Using the data-ready (DRDY) signal
The device may be configured to have one HW signal to determine when a new set of
measurement data is available for reading. This signal is represented by the XYZDA bit of
STATUS_REG. The signal can be driven to the DRDY/INT2 pin by setting the I2_DRDY bit
of CTRL_REG3 to 1 and its polarity set to active-low or active-high through the H_Lactive bit
of CTRL_REG3 (see Section 5.1).
The data-ready signal rises to 1 when a new set of angular rate data has been generated
and it is available for reading.The interrupt is reset when the higher part of one of the
enabled channels has been read (29h, 2Bh, 2Dh).
Figure 1. Data ready signal
3.4
Using the block data update (BDU) feature
If reading the angular rate data is particularly slow and cannot be synchronized (or it is not
required) with either the XYZDA bit present inside the STATUS_REG or with the DRDY
signal, it is strongly recommended to set the BDU (block data update) bit in CTRL_REG4
to 1.
This feature avoids reading values (most significant and least significant parts of the angular
rate data) related to different samples. In particular, when the BDU is activated, the data
registers related to each channel always contain the most recent angular rate data produced
by the device, but, in case the reading of a given pair (i.e. OUT_X_H and OUT_X_L,
OUT_Y_H and OUT_Y_L, OUT_Z_H and OUT_Z_L) is initiated, the refresh for that pair is
blocked until both MSB and LSB parts of the data are read.
Note:
BDU only guarantees that OUT_X(Y, Z)_L and OUT_X(Y,Z)_H have been sampled at the
same moment. For example, if the reading speed is too slow, it may read X and Y sampled
at T1 and Z sampled at T2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com