Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1479 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 4Page - STMicroelectronics UM1479 Datasheet HTML 5Page - STMicroelectronics UM1479 Datasheet HTML 6Page - STMicroelectronics UM1479 Datasheet HTML 7Page - STMicroelectronics UM1479 Datasheet HTML 8Page - STMicroelectronics UM1479 Datasheet HTML 9Page - STMicroelectronics UM1479 Datasheet HTML 10Page - STMicroelectronics UM1479 Datasheet HTML 11Page - STMicroelectronics UM1479 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Getting started
UM1479
8/28
Doc ID 022381 Rev 1
Click on the “Event Logger” button to configure the event logger application or on the “Data
Logger” button to select the data logger application.
1.2.6
Data logger GUI
The data logger graphical user interface has 3 windows:
1.
Start datalogger
2.
Download from the Event/Data Logger
3.
Graph Plot
Start DataLogger is used to enable all the sensors for data logging. Click on the “Data
Logger” button, as shown in Figure 6. Figure 7 shows the Start the Datalogger GUI window.
The “Download from the Data/Event Logger” option is used to read the logged data from the
EEPROM. Click on “Download from the “Data Logger/Event Logger” button as shown in
Figure 7.
Figure 8 shows the window for downloading the logged data.
“Graph Plot” is used to plot the logged data on the graph and store it in .xls format. Click on
“Graph Plot” as shown in Figure 7.
Figure 9 shows the window for this. Check the sensors to choose which plots to see.
Figure 7.
Start data logger GUI window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com