Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1479 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 14Page - STMicroelectronics UM1479 Datasheet HTML 15Page - STMicroelectronics UM1479 Datasheet HTML 16Page - STMicroelectronics UM1479 Datasheet HTML 17Page - STMicroelectronics UM1479 Datasheet HTML 18Page - STMicroelectronics UM1479 Datasheet HTML 19Page - STMicroelectronics UM1479 Datasheet HTML 20Page - STMicroelectronics UM1479 Datasheet HTML 21Page - STMicroelectronics UM1479 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Getting started
UM1479
18/28
Doc ID 022381 Rev 1
1.2.15
Post event logger stage
The post event logger stage is used to download the logged data in the computer and
compare this data.
Below are the steps for the post event logger stage:
1.
Put the switch SW4 into the downward position, as shown in Figure 11.
2.
Connect the RFID reader to the computer.
3.
Place the STEVAL-IPR002V1 on the RFID reader, as shown in Figure 12.
4.
Open the GUI application.
5.
Press the “Connect” button, as shown in Figure 6. It shows the message “Board is
connected”. If the board is not connected, close and reopen the GUI, and press the
“Connect” button again.
6.
Click on the “Download from the DataLogger/EventLogger” tab, as seen in the bottom
of the GUI window, as shown in Figure 15. A GUI window, as seen in Figure 8, opens.
7.
Press the “Get DataLogger/EventLogger” button on the GUI window.
8.
The window shows the values for different sensors on the GUI. These values, as seen
on the GUI, are the last stored values of the sensors. Each sensor also has a log count
which shows the number of values logged for that sensor.
9.
Figure 8 shows the condition.
10. Click on the “Graph Plot” tab at the bottom of the GUI window.
11. This opens the plotter window shown in Figure 16. Select the sensor whose plot is to
be seen and then click the “Plot” button.
12.
13. Double click on the plot to expand it. To exit from the expanded plot, again double click
on it and it returns to step 10.
14. To zoom in, use the scroll up on the mouse or the '+' button on the keyboard, and to
zoom out use the scroll down on the mouse or the '-' button on the keyboard. To slide
the graph right or left, click on the graph, left click on the mouse and slide to the right
side or left side.
15. To store the data in .xls, click on the “Save Plot” button and save the xls file.
Note:
The event logger mode logging time is recorded as hours and minutes only. Seconds are not
recorded inside the EEPROM. Therefore the plot shows values on a minute scale only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com