Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1479 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 20Page - STMicroelectronics UM1479 Datasheet HTML 21Page - STMicroelectronics UM1479 Datasheet HTML 22Page - STMicroelectronics UM1479 Datasheet HTML 23Page - STMicroelectronics UM1479 Datasheet HTML 24Page - STMicroelectronics UM1479 Datasheet HTML 25Page - STMicroelectronics UM1479 Datasheet HTML 26Page - STMicroelectronics UM1479 Datasheet HTML 27Page - STMicroelectronics UM1479 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
2.4
Bill of materials
Table 1.
Bill of material
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
order code /
orderable part
number or
equivalent
Supplier
Supplier ordering
code
Comments
ST devices
U2
Microcontroller
LQFP32
STMicroelectronics
STM8L151K4T6
U3
Temperature
sensor
UDFN-6L
STMicroelectronics
STTS751-0DP3F
U4
MEMS
LGA16
STMicroelectronics
LIS3DH
U5
EEPROM
TSSOP8
STMicroelectronics
M24LR64-DW6T/2
D2, D3
Diode
SOD323
STMicroelectronics
BAT54J
U1
Humidity
sensor
SMD
Honeywell
HIH5030
U6
Photo sensor
SMD
Avago Technologies
US Inc.
APDS-9004-020
Digi-Key
516-1716-1-ND
BT1
Coin cell
connector
Through hole
Tyco Electronics
796136-1
Digi-Key
A99327CT-ND
J1
SWIM
connector
SMT, 4-pin, 1.27
mm pitch
ERNI
284697
ERNI
284697
J2
Berg strip
4x1-pin Berg strip
Any
Samtec
TSW-104-23-G-S
Capacitors
C1,C2
12 pF
SMD0805
AVX Corporation or
equivalent
08051A120JAT2A
Digi-Key
478-5011-1-ND
C3,C4
22 pF
SMD0805
AVX Corporation or
equivalent
08051A220JAT2A
Digi-Key
478-1280-1-ND
C5,C6,C8,
C9,C10,C11,
C12
100 nF
SMD0805
Panasonic - ECG or
equivalent
ECJ-2VF1C104Z
Digi-Key
PCC1843CT-ND
C7
1 µF
SMD0805
Panasonic - ECG or
equivalent
ECJ-2FF1E105Z
Digi-Key
PCC2230CT-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com