Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1479 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 10Page - STMicroelectronics UM1479 Datasheet HTML 11Page - STMicroelectronics UM1479 Datasheet HTML 12Page - STMicroelectronics UM1479 Datasheet HTML 13Page - STMicroelectronics UM1479 Datasheet HTML 14Page - STMicroelectronics UM1479 Datasheet HTML 15Page - STMicroelectronics UM1479 Datasheet HTML 16Page - STMicroelectronics UM1479 Datasheet HTML 17Page - STMicroelectronics UM1479 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Getting started
UM1479
14/28
Doc ID 022381 Rev 1
Figure 14.
SW4 upward position for connecting the coin cell
1.2.11
Post data logger stage
The post data logger stage is used to download the logged data in the computer and
compare this data.
Below are the steps for the post data logger stage:
1.
Put the switch SW4 into the downward position, as shown in Figure 11.
2.
Connect the RFID reader to the computer.
3.
Place the STEVAL-IPR002V1 on the RFID reader, as shown in Figure 12.
4.
Open the GUI application.
5.
Press the “Connect” button as shown in Figure 6. It shows the message “Board is
connected”, If the board is not connected, close the GUI, reopen it, and press the
“Connect” button again.
6.
Click on the “Download from the Data logger/Event Logger” tab as seen in the bottom
of the GUI window, as shown in Figure 15. The GUI window, as seen in Figure 8,
opens.
7.
Press the “Get DataLogger/EventLogger” button on the GUI window.
8.
The window shows the values for different sensors on the GUI. These values, as seen
on the GUI, are the last stored values of the sensors. Each sensor also has a log count
which shows the number of values logged for that sensor.
9.
Figure 8 shows the condition.
10. Click on the “Graph Plot” tab at the bottom of the GUI window.
11. This opens the plotter window shown in Figure 16. Select the sensor whose plot is to
be seen and then click the “Plot” button.
12. Double click on the plot to expand it. To exit from expanded plot, again double click on it
and it returns to step 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com