Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1479 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 16Page - STMicroelectronics UM1479 Datasheet HTML 17Page - STMicroelectronics UM1479 Datasheet HTML 18Page - STMicroelectronics UM1479 Datasheet HTML 19Page - STMicroelectronics UM1479 Datasheet HTML 20Page - STMicroelectronics UM1479 Datasheet HTML 21Page - STMicroelectronics UM1479 Datasheet HTML 22Page - STMicroelectronics UM1479 Datasheet HTML 23Page - STMicroelectronics UM1479 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
System overview
UM1479
20/28
Doc ID 022381 Rev 1
2.1
Hardware design description
Figure 17.
Block diagram
The SW4 is used to connect and disconnect the 3 V coin cell to/from the system. Battery
connection is needed for the data logging stage. For the pre-data/event logging and post
data/event logging stage, power is supplied by the RFID reader and the battery is not
needed in the system.
The SW2 switch is used to check if any of the data is logged in the EEPROM or not.
Below are the steps to follow:
1.
After the data/event logging stage, slide SW4 to the downward position and then back
to the upward position, i.e. power-on reset the system.
2.
Press switch SW2.
3.
If any of the sensors have logged the data inside the EEPROM, the LED D1 blinks on
the data logger board.
4.
Logged data can be read using the RFID reader.
2.1.1
Temperature sensor for temperature data logging
The STTS751 temperature sensor is used in this application. This is a digital temperature
sensor having an I2C communication interface for interfacing with the microcontroller.
In the case of Event Logger mode:
Temperature thresholds are set for maximum and minimum temperature limits using the GUI
and RFID reader. When the measured temperature is outside these limits the value is
logged inside the EEPROM along with the date, hour and minute of logging.
In the case of Data Logger mode:
The temperature value is measured every second and is recorded inside the memory along
with a time stamp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com