Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1479 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1479 Datasheet HTML 1Page - STMicroelectronics UM1479 Datasheet HTML 2Page - STMicroelectronics UM1479 Datasheet HTML 3Page - STMicroelectronics UM1479 Datasheet HTML 4Page - STMicroelectronics UM1479 Datasheet HTML 5Page - STMicroelectronics UM1479 Datasheet HTML 6Page - STMicroelectronics UM1479 Datasheet HTML 7Page - STMicroelectronics UM1479 Datasheet HTML 8Page - STMicroelectronics UM1479 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
April 2012
Doc ID 022381 Rev 1
1/28
UM1479
User manual
STEVAL-IPR002V1: M24LR64-R based data logger and
event logger
Introduction
The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
such as industrial or medical equipment and consumer electronics. RFID (13.56 MHz) and
I2C serial communication are the two interfaces available with the EEPROM. This user
guide describes how to use the “M24LR64-R data logger/event logger”, an autonomous
battery-powered RFID tag with logging capability for recording and storing the sensor data
of the following sensors:
■ Temperature sensor
■ Humidity sensor
■ Vibration
■ Freefall
■ Tamper
■ Light
The value of different sensors is stored inside the EEPROM and these logged values can
then be retrieved over the RFID interface for evaluation at a later stage. This data logger can
be inserted along with any transported article and this article can then be tracked
throughout the supply chain, and the data can be scanned at any point using an RFID
reader.
This system can operate in two modes:
■ Data logger mode
■ Event logger mode
In data logger mode, the system reads all the sensor values once every second and stores
them inside the EEPROM. The system stops logging the data when the allocated memory
for a particular sensor is filled. In event logger mode, the system configures the threshold
limits for each sensor. Whenever the sense value is outside the set threshold limits, it is
stored in the EEPROM.
Figure 1.
M24LR64 EEPROM-based data logger
www.st.com


Similar Part No. - UM1479

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
02-May-2012
logo
List of Unclassifed Man...
UM1472 ETC2-UM1472 Datasheet
1,004Kb / 42P
Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
More results

Similar Description - UM1479

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
1-6HOOL INTERFET-1-6HOOL Datasheet
1Mb / 4P
The 1-6H001 is a wide-temperature range
logo
STMicroelectronics
ANT1-M24LR-A STMICROELECTRONICS-ANT1-M24LR-A Datasheet
78Kb / 3P
45 mm x 75 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT2-M24LR-A STMICROELECTRONICS-ANT2-M24LR-A Datasheet
65Kb / 3P
20 mm x 40 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT3-M24LR-A STMICROELECTRONICS-ANT3-M24LR-A Datasheet
64Kb / 3P
SMD-inductor based antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT4-M24LR-A STMICROELECTRONICS-ANT4-M24LR-A Datasheet
67Kb / 4P
2 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
26-Aug-2010
ANT5-M24LR-A STMICROELECTRONICS-ANT5-M24LR-A Datasheet
69Kb / 4P
4 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
26-Aug-2010
DATALOG-M24LR-A STMICROELECTRONICS-DATALOG-M24LR-A Datasheet
68Kb / 4P
Datalogger reference board for the M24LR64-R Dual Interface EEPROM
26-Oct-2010
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
Fork sensors for a wide range of applications
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
the series is available in a wide frequency range
logo
List of Unclassifed Man...
28BYJ-48 ETC1-28BYJ-48 Datasheet
198Kb / 1P
The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com