Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1479 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 17Page - STMicroelectronics UM1479 Datasheet HTML 18Page - STMicroelectronics UM1479 Datasheet HTML 19Page - STMicroelectronics UM1479 Datasheet HTML 20Page - STMicroelectronics UM1479 Datasheet HTML 21Page - STMicroelectronics UM1479 Datasheet HTML 22Page - STMicroelectronics UM1479 Datasheet HTML 23Page - STMicroelectronics UM1479 Datasheet HTML 24Page - STMicroelectronics UM1479 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
UM1479
System overview
Doc ID 022381 Rev 1
21/28
2.1.2
MEMS for freefall and vibration data logging
The LIS3DH is the MEMS device used in this application. The LIS3DH MEMS device has
been used to identify a freefall event and a vibration level event for the data logger board.
Whenever the data logger board undergoes a freefall, the date, hour, and minute of that
instance is logged inside the EEPROM as a freefall event.
For a vibration event, 5 levels are defined based on the empirically observed results of the
MEMS output for shaking the data logger board. These levels are defined as: highest
sensitivity, high sensitivity, medium sensitivity, low sensitivity and lowest sensitivity.
In the case of Event Logger mode:
The threshold for the vibration level is defined using the GUI and the RFID reader. When the
vibration seen by the data logger board is equal to or greater than this threshold, the value is
logged as a vibration event along with the date, hour, and minute of the event.
In the case of Data Logger mode:
At every second, board vibration is checked and the value is logged inside the EEPROM. If
there is no vibration on the board, it is logged as no vibration level in the EEPROM.
2.1.3
Humidity sensor for percentage humidity data logging
The HIH-5030 is the humidity sensor from Honeywell. Output of this sensor is analog
voltage which is measured using ADC of the STM8L microcontroller and then converted into
percentage humidity.
In the case of event logger mode:
Maximum and minimum threshold values for percentage humidity are configured using the
GUI and the RFID reader. In the event logger system, the humidity value is calculated every
1 second, and if this value is outside the configured threshold values, it is logged inside the
EEPROM along with the date, hour, and minute of that instance.
In the case of data logger mode:
At every second, the humidity value is calculated and stored inside the EEPROM.
2.1.4
Photo sensor for light data logging
The APDS-9004 is a photo sensor which is used to sense the ambient light in the data
logger application. Output of the photo sensor is an analog voltage which is measured using
ADC of the STM8L microcontroller.
For light intensity logging, 5 levels are defined based on an empirically observed voltage
level output of the photo sensor circuit. These levels are defined as: dark, semi dark,
normal, bright, and very bright.
In the case of event logger mode:
The threshold for the light level is defined using the GUI and the RFID reader. When the light
intensity as seen by the data logger board is equal to or greater than this threshold, the
value is logged as an event along with the date, hour, and minute inside the EEPROM. After
every second, this comparison of threshold light intensity and present light intensity is done
and then, accordingly, the event is logged inside the EEPROM. This logging of count for light
intensity is checked every 1 second. In the case of data logger mode:
At every second, the light intensity value is calculated and stored inside the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com