Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1479 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 15Page - STMicroelectronics UM1479 Datasheet HTML 16Page - STMicroelectronics UM1479 Datasheet HTML 17Page - STMicroelectronics UM1479 Datasheet HTML 18Page - STMicroelectronics UM1479 Datasheet HTML 19Page - STMicroelectronics UM1479 Datasheet HTML 20Page - STMicroelectronics UM1479 Datasheet HTML 21Page - STMicroelectronics UM1479 Datasheet HTML 22Page - STMicroelectronics UM1479 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
UM1479
System overview
Doc ID 022381 Rev 1
19/28
2
System overview
This data logger demo is used to log the data of 6 sensor parameters inside the EEPROM
using the I2C communication. This logged data is retrieved from the EEPROM over the RF
interface using the RFID reader.
The M24LR64-R EEPROM has 8 Kbyte (8192 bytes) of memory. In this data logger
application, EEPROM memory is partitioned as follows:
1.
RTC date and time: 8 bytes
2.
Temperature sensor: 3064 bytes
3.
Humidity sensor: 1024 bytes
4.
Freefall: 1024 bytes
5.
Vibration: 1024 bytes
6.
Light: 1024 bytes
7.
Tamper: 1024 bytes
Total values which can be logged in the EEPROM along with time stamping for each value
are:
1.
For temperature: maximum 764 values
2.
For humidity: maximum 254 values
3.
For freefall: maximum 255 values
4.
For vibration: maximum 255 values
5.
For light: maximum 255 values
6.
For tamper: maximum 255 values
If the log count for any sensor has reached its maximum value, the data logging for that
sensor stops. There is no overwriting of data for any sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com