Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2344 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 2Page - STMicroelectronics AN2344 Datasheet HTML 3Page - STMicroelectronics AN2344 Datasheet HTML 4Page - STMicroelectronics AN2344 Datasheet HTML 5Page - STMicroelectronics AN2344 Datasheet HTML 6Page - STMicroelectronics AN2344 Datasheet HTML 7Page - STMicroelectronics AN2344 Datasheet HTML 8Page - STMicroelectronics AN2344 Datasheet HTML 9Page - STMicroelectronics AN2344 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MOSFET fundamentals
AN2344
6/27
1.1
Failure modes descriptions
The integral diode of a MOSFET is the collector-base junction of the parasitic transistor. If
the current flows laterally through region P, the increase in the voltage drop across the
emitter base resistance causes the BJT to turn ON.
The initial avalanche current is concentrated mainly in the diode localized in the deep zone
of P+; as soon as the current grows, it begins to interest the more lightly doped P regions.
Since, by design, the lateral resistance RP value is higher than that of the heavy doped P+
region vertical resistance, and the current is concentrated in the region P+, the BJT should
not turn ON.
As soon as the current begins to stimulate the P region, causing a sufficient drop of voltage
to equal the BJT base-emitter voltage (VBE), the base current (IB), in conjunction with the
transistor
β will cause the BJT to turn ON. The VBE has a negative temperature coefficient,
consequently leading to thermal runaway and finally, the destruction of the device due to the
secondary breakdown of the parasitic BJT. The adoption of a heavily doped P+ region,
thereby determining the reduction of the transistor gain and base resistance has been the
first step for MOSFET improvement, followed by other, more subtle optimizations.
The power that is dissipated in the MOSFET causes an increase in junction temperature. If
the temperature increases to a critical value set by the siliconfs property, the failure, without
the contribution of the parasitic bipolar, occurs because of the creation of thermally
generated carriers in the epitaxial/bulk region, which in turn, create the hot spots. The
critical temperature to have phenomenon is beyond the maximum junction temperature of
the devices, and is related to the intrinsic temperature of doped silicon, to which the
concentration of the bulk is equal to that of the thermally generated carriers.
The temperature increase that occurs during avalanche phenomena, due to the silicon
thermal capacitance, is not instantaneous. Therefore, this type of failure should be
distinguished from that caused by current as the device holds the breakdown voltage for a
finite time before its destruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com