Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2344 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 4Page - STMicroelectronics AN2344 Datasheet HTML 5Page - STMicroelectronics AN2344 Datasheet HTML 6Page - STMicroelectronics AN2344 Datasheet HTML 7Page - STMicroelectronics AN2344 Datasheet HTML 8Page - STMicroelectronics AN2344 Datasheet HTML 9Page - STMicroelectronics AN2344 Datasheet HTML 10Page - STMicroelectronics AN2344 Datasheet HTML 11Page - STMicroelectronics AN2344 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Testing avalanche ruggedness
AN2344
8/27
The device is essentially an open circuit up to its own blocking voltage, therefore the extra
voltage is limited by the BVDSS of the device under test (DUT). During the Avalanche, the
current flows through the DUT, dissipating the accumulated energy that was stored in the
coil during the charging operation. Table 1.: UIS circuit equations on page 8 explains several
relations for the tAV, EAV, and the PAVG with several circuit configurations. A device is
commonly defined rugged, or avalanche-rated, if during some stated coil and conducted
current conditions, the device survives this test.
In the past, circuits like the one in Figure 4. were recommended to test for this capability.
The current is maintained constant for a set time, eliminating the requirement for the coil.
However, the only recognized method is to use the circuit described in Figure 2. (per JEDEC
standard No. 24-5, MIL-STD750D method 3040.2).
A circuit commonly used to test the avalanche ruggedness of the MOSFET is shown in
Figure 5. Its special feature is a power switch in series to the VDD that connects the voltage
source to the circuit only during the coil charging, disconnecting it a few microseconds
before the switch-off and the avalanche operation. This technique allows the user to
increase the VDD beyond DUT‘s maximum rated VDS, which speeds up the charging of the
coil during turn-on, and consequently decreases the turn-on state time. Also, the energy
dissipated is different (see Table 1.).
Figure 4.
Constant current avalanche fixture
Figure 5.
Disconnected supply UIS fixture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com