Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2344 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 16Page - STMicroelectronics AN2344 Datasheet HTML 17Page - STMicroelectronics AN2344 Datasheet HTML 18Page - STMicroelectronics AN2344 Datasheet HTML 19Page - STMicroelectronics AN2344 Datasheet HTML 20Page - STMicroelectronics AN2344 Datasheet HTML 21Page - STMicroelectronics AN2344 Datasheet HTML 22Page - STMicroelectronics AN2344 Datasheet HTML 23Page - STMicroelectronics AN2344 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Datasheet avalanche ratings
AN2344
20/27
Equation 19
For the purposes of this example, extrapolating from Figure 16., the ZthJC at 61ns is
expressed as:
Equation 20
thus,
Equation 21
Figure 16.
Normalized STP11NM60FP impedante
By using Equation 15, a more accurate TJ value at avalanche onset can be calculated.
Modeling each power contribution as a rectangular pulse (see Figure 17.):
●
Pulse 1 (turn ON)
Equation 22
●
Pulse 2 (conduction)
Equation 23
●
Pulse 3 (turn OFF)
Equation 24
●
Pulse 4 (avalanche)
Equation 25
Tj
P
AVERthJC
0.7P
PEAK AV
()ZthJC 0.71tAV
() T
CASE
++
=
Zth
JC 61ns
()
3.57
K
•
61ns
() 0.00125° CW
⁄
=
≈
T
Jmax
()
45
2448
0.7
0.00125
70
117
° C
≈
+
•
•
+
=
t
1
40ns
0.71
28.4ns
=
•
=
td1
5.8ns
=
P1
0.7
256W
179W
=
•
=
*
*
t
2
2.4
µs 0.56 1.34µs
=
•
=
td2
1.06
µs
=
P2
0.89
17.3W
15.4W
=
•
=
*
*
t
3
60ns
0.71
43ns
=
•
=
td3
58ns
=
P3
0.7
672W
470W
=
•
=
*
*
t
4
86ns
0.71
61ns
=
•
=
td4
12.5ns
=
P4
0.7
2448W
1714W
=
•
=
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com