Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2344 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 15Page - STMicroelectronics AN2344 Datasheet HTML 16Page - STMicroelectronics AN2344 Datasheet HTML 17Page - STMicroelectronics AN2344 Datasheet HTML 18Page - STMicroelectronics AN2344 Datasheet HTML 19Page - STMicroelectronics AN2344 Datasheet HTML 20Page - STMicroelectronics AN2344 Datasheet HTML 21Page - STMicroelectronics AN2344 Datasheet HTML 22Page - STMicroelectronics AN2344 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AN2344
Datasheet avalanche ratings
19/27
Figure 14.
STP11NM60FP switch-OFF details
Figure 15.
STP11NM60FP switch-ON details
The datasheet indicates that the IAR is 5.5A. Since the peak current during the avalanche is
3.6A (below the datasheet ratings), the IAR constraint is satisfied.
Note:
That the peak current before the turn OFF, that in this case is 4.8A, should be taken into
account as very worst case for avalanche in case of a higher dV/dt, but also in this last case,
the specification is satisfied.
Average power is calculated as follows:
Equation 16
Equation 17
Note:
For the conduction losses, the worst case of a triangular power shape is considered, even if
the right one should not be.
TCASE=70°C, and the Rthjc is 3.57 K/W, so the average TJ may be calculated as follows:
Equation 18
A quick way to calculate the maximum temperature during the avalanche is to add the peak
temperature due to the avalanche pulse to the average temperature:
P
AVE
t
AV
T
--------0.5
P
PEAK AV
()
t
COND
T
----------------
+
•
0.5
P
PEAK COND
()
•
t
ON
T
---------0.5
P
PEAK ON
()
•
+
=
+
t
OFF
T
-----------0.5
P
PEAK OFF
()
•
+
P
AVE
8.77
1.73
0.43
1.68
12.61W
=
+++
=
T
J
P
AVERthJC
T
CASE
45
° C70° C115° C
=
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com