Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2344 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 19Page - STMicroelectronics AN2344 Datasheet HTML 20Page - STMicroelectronics AN2344 Datasheet HTML 21Page - STMicroelectronics AN2344 Datasheet HTML 22Page - STMicroelectronics AN2344 Datasheet HTML 23Page - STMicroelectronics AN2344 Datasheet HTML 24Page - STMicroelectronics AN2344 Datasheet HTML 25Page - STMicroelectronics AN2344 Datasheet HTML 26Page - STMicroelectronics AN2344 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AN2344
Conclusion
23/27
4
Conclusion
Here are a few reminders:
The required verifications for single and repetitive avalanche is that TJ(max) and IAR
must always be below the absolute maximum ratings in the DUT datasheet.
Any high frequency repetitive avalanche may result in device failures, depending on the
actual consistency of the heat sink used.
All manufacturers' production testing is performed only for some milliseconds and that
a “pass” is simply defined as a device that has survived without destructive damage.
Stresses of highly localized peak temperatures and currents at the “microscopic” levels
on the MOSFET are impossible to identify. All manufacturing processes are intended to
produce uniform and consistent test results (e.g. Rb and Beta). but this does not mean
that any single device amongst these, up to several thousands from a single wafer are
perfect, even if it survives the short production test.
The reliance on data sheet avalanche ratings, even if the in-circuit stresses are not
carefully calculated or characterized, is motivated by a potentially significant circuit cost
saving. The apparent respect of the ratings at certain standard “in lab” conditions
cannot be easily and safely generalized to all normal or abnormal events that can
happen in the real world application environment. Accepting and tolerating - at least as
worst case - the use of the avalanche characteristics of the Power MOSFET in
applications where such behavior is not strictly required, must take into account the risk
of a reduced guard-band for withstanding events and any other variations that can be
correlated with the application failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com