Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2344 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 7Page - STMicroelectronics AN2344 Datasheet HTML 8Page - STMicroelectronics AN2344 Datasheet HTML 9Page - STMicroelectronics AN2344 Datasheet HTML 10Page - STMicroelectronics AN2344 Datasheet HTML 11Page - STMicroelectronics AN2344 Datasheet HTML 12Page - STMicroelectronics AN2344 Datasheet HTML 13Page - STMicroelectronics AN2344 Datasheet HTML 14Page - STMicroelectronics AN2344 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN2344
Datasheet avalanche ratings
11/27
Figure 6.
EAS vs temperature STP9NK80Z
3.3
Avalanche rating example
In this example, a user wants to use an STP9NK80Z as a DC/DC converter main switch.
The datasheet ratings of this particular device are:
●
EAS = 350mJ,
●
IAR = 7.5A, and
●
TJ(max) = 150°C.
According to the board analysis, the device used for such power supply condition can
experience a single pulse avalanche operation. The measurements have shown that the
average junction temperature is 100°C, the peak drain current switched during the
avalanche is 4A, and the energy that is dissipated during that single avalanche operation is
0.24mJ.
To understand if the device is working within the datasheet ratings, the switched current
needs to be checked by comparing it to the IAR; because the ID peak value is 4A and below
the IAR, this rating is satisfied.
To confirm that TJ is below TJ(max), it is assumed that TJ before the avalanche is average
(100°C). Figure 6. shows that the energy it takes to bring TJ to the maximum rating (starting
from 100°C) is approximately 50mJ. Since the energy measured is below 50mJ, the TJ
reached during the avalanche will be less than TJ(max). Considering that both of the bonds,
the current below IAR and the TJ value below the TJ(max) are well satisfied, one can safely
state that the device (under that single avalanche event) is working within the datasheet
ratings.
Each MOSFET manufacturer (including ST) presents their own approaches to measuring
EAS values, as well as their findings. These values are not simple to state because it is very
difficult to look at TJ during an avalanche operation. In order to provide as clear an
explanation as possible, some manufacturers set this value by using the thermal impedance
stated in the datasheet. This could be an interesting approach, but some concerns would
Starting TJ=100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com