Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2344 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 14Page - STMicroelectronics AN2344 Datasheet HTML 15Page - STMicroelectronics AN2344 Datasheet HTML 16Page - STMicroelectronics AN2344 Datasheet HTML 17Page - STMicroelectronics AN2344 Datasheet HTML 18Page - STMicroelectronics AN2344 Datasheet HTML 19Page - STMicroelectronics AN2344 Datasheet HTML 20Page - STMicroelectronics AN2344 Datasheet HTML 21Page - STMicroelectronics AN2344 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Datasheet avalanche ratings
AN2344
18/27
To confirm that the device is working within the specification we have to check the datasheet
ratings (see Figure 14. and Figure 15.). The data is as follows:
●
T= 12
µs
●
TCASE=70°C
●
TON=40ns;
●
TOFF=60ns
●
tCOND=2.4µs
●
tAV=86ns
For the peak power calculation over the conduction state, it is assumed that the worst case
RDS(ON) is:
and,
where,
2.4 is the derating factor found in the STP11NM60FP datasheet, in the plot showing the
“normalized RDS(ON) vs. temperature".
Figure 13.
Steady-state STP11NM60FP switching
T
J
150
° C
=
R
DS ON
() 150° C
()
R
DS ON
() 25° C
() 2.4
•
=
P
PEAK ON
()
160V
1.6A
256W
=
•
=
P
PEAK OFF
()
280V
2.4A
672W
=
•
=
P
PEAK COND
()
4A
()
2
0.45
2.4
17.3W
=
•
•
=
P
PEAK AV
()
680V
3.6A
2448W
=
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com