Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2689 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 8Page - STMicroelectronics AN2689 Datasheet HTML 9Page - STMicroelectronics AN2689 Datasheet HTML 10Page - STMicroelectronics AN2689 Datasheet HTML 11Page - STMicroelectronics AN2689 Datasheet HTML 12Page - STMicroelectronics AN2689 Datasheet HTML 13Page - STMicroelectronics AN2689 Datasheet HTML 14Page - STMicroelectronics AN2689 Datasheet HTML 15Page - STMicroelectronics AN2689 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Data line protection
AN2689
12/42
Doc ID 14310 Rev 3
This solution requires that the Vcc voltage track be accessible and a decoupling capacitor is
required close to the diode array device. On the other hand this topology is suitable for high
speed data lines that often requires low parasitic line capacitance.
3.2
Data line protection example
Let’s consider the ISO 10605 standard.
The ESD current waveform, shown in Figure 14, has the corresponding generator circuit
given in Figure 15 when the generator output is in short circuit.
This surge is specified for contact or air-discharge as shown in Table 1 and maximum
voltage occurring is a 25 KV (air-discharge)
Figure 14.
ESD current waveform with generator output in short circuit
Figure 15.
Equivalent circuit schematic (occupant discharge model)
Table 1.
Surge voltage levels for contact and air discharge
Contact discharge
Air discharge
Level
Test voltage (kV)
Level
Test voltage (kV)
1±4
1±8
2±6
2
±15
3±8
3
±25
tr
1 ns
≤
High voltage
supply
R (M
Ω )2 kΩ
330 pf
Device
under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com