Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2689 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 12Page - STMicroelectronics AN2689 Datasheet HTML 13Page - STMicroelectronics AN2689 Datasheet HTML 14Page - STMicroelectronics AN2689 Datasheet HTML 15Page - STMicroelectronics AN2689 Datasheet HTML 16Page - STMicroelectronics AN2689 Datasheet HTML 17Page - STMicroelectronics AN2689 Datasheet HTML 18Page - STMicroelectronics AN2689 Datasheet HTML 19Page - STMicroelectronics AN2689 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Data line protection
AN2689
16/42
Doc ID 14310 Rev 3
During an ESD strike, the voltage diagrams look like those given in Figure 19.
Figure 19.
Voltage diagrams during an ESD strike
3.3.2
Power dissipation determination
To make sure the power of the surge will not damage the Transil we need to determine the
power dissipated in the Transil.
Dissipated power is given by:
and
In this study, the transient duration is much lower than 20 µs, therefore we consider Rd
equivalent to Rd20 µs.
This Rd20µs can be easily calculated thanks to the Transil datasheets (see example given in
Section 3.3.1: Determination of Rd for SM6T27AY)
So
Then the power dissipation can be determined from:
Ip
Ip/2
Vcl
t’
t
Vs
τ = RC
ESD waveform
Voltage and current
across the transil
Ipp
Rd
Vbr
Vcl
*
+
=
Rs
Vcl
Vs
Ipp
-
=
Ipp
Vcl
Ppp
*
=
µs
µs
µs
Ipp
Vbr
Vcl
Rd
20
max
20
20
-
=
Rd
20 µs
=0.24
Ω
µs Ipp
Rd
Vbr
Vcl
20
max +
=
µs
Rd
Rs
Vbr
Vs
Ipp
20
max
+
-
=
Vbrmax
≈ Vbrmin + 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com