Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2689 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 13Page - STMicroelectronics AN2689 Datasheet HTML 14Page - STMicroelectronics AN2689 Datasheet HTML 15Page - STMicroelectronics AN2689 Datasheet HTML 16Page - STMicroelectronics AN2689 Datasheet HTML 17Page - STMicroelectronics AN2689 Datasheet HTML 18Page - STMicroelectronics AN2689 Datasheet HTML 19Page - STMicroelectronics AN2689 Datasheet HTML 20Page - STMicroelectronics AN2689 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
AN2689
Data line protection
Doc ID 14310 Rev 3
17/42
Considering the ISO 10605 surge with Vpp = +25 kV, Rs = 2000  and Vbrmax = 28.4 V, the
calculation produces:
Then Vcl = 31.4 V and Ipp = 12.5 A
Therefore the maximum residual voltage that will be applied to the module is lower than the
maximum voltage admissible (<45 V).
The question now is to determine if the Transil is able to withstand the power of the surge.
The peak pulse power (Ppp) dissipated in the Transil is:
To see if this power can be supported by the Transil, it is necessary to determine the
duration of the current that crosses the Transil during the surge compared to the peak pulse
power versus exponential pulse duration graph shown in Figure 20 (also in the datasheet).
Care must be taken at this step because the duration to be considered is the pulse duration
at Ip/2. So it is necessary to determine the current surge duration (t’ in Figure 19) that
corresponds to half of the peak current crossing the Transil.
Figure 20.
Peak pulse power versus exponential pulse duration
µs
µs
Rd
Rs
Vs
Rd
RsVbr
Vcl
20
20
max
+
+
=
µs
Rd
Rs
Vbr
Vs
Ipp
20
max
+
-
=
W
Ppp
Ipp
Vcl
Ppp
392
=
⇒
*
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com