Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2689 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 23Page - STMicroelectronics AN2689 Datasheet HTML 24Page - STMicroelectronics AN2689 Datasheet HTML 25Page - STMicroelectronics AN2689 Datasheet HTML 26Page - STMicroelectronics AN2689 Datasheet HTML 27Page - STMicroelectronics AN2689 Datasheet HTML 28Page - STMicroelectronics AN2689 Datasheet HTML 29Page - STMicroelectronics AN2689 Datasheet HTML 30Page - STMicroelectronics AN2689 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
AN2689
Supply rail protection
Doc ID 14310 Rev 3
27/42
Where tp is the current duration at Ip/2 and T the minimum surge period.
Then the average power is:
The junction temperature can be calculated as:
with Rthj-a = 75 °C/W.
The junction temperature will rise by less than 1 °C over the maximum ambient temperature.
So the maximum junction temperature will not be exceeded. Therefore the SM15T33AY will
be suitable for the application.
In the meantime, comparing the 274 W power induced by the surge with the SM15T33AY
admissible power, the SM15T33AY is extremely safe regarding the ISO 7637-2 pulse 2
surge, even over-specified.
For this reason it would be more effective to choose a smaller Transil, like, for instance, an
SM4T35AY (Vbrmin = 33.3 V). The same calculations show the power dissipation is quite
similar to the SM15T33AY results. Figure 35 and Figure 36 show that the maximum power
this SM4T35AY can dissipate for 4 µs exponential pulse duration is still higher than that the
surge imposes. The SM4T35AY is able to withstand more than 3 kW for 4 µs surge duration.
Figure 35.
Peak pulse power versus exponential time duration of an SM4T Transil
Figure 36.
Peak power dissipation versus initial junction temperature of SM4T
Transil
mW
P
Vcl
I
P
AV
AV
AV
7.52
=
⇒
*
=
a
j
AV Rth
P
Tamb
Tj
-
+
=
0.1
1.0
10.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
P
PP(kW)
T
j initial = 25 °C
tP(ms)
0
500
1000
1500
2000
0
25
50
75
100
125
150
175
P (W)
PP
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com