Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2689 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 16Page - STMicroelectronics AN2689 Datasheet HTML 17Page - STMicroelectronics AN2689 Datasheet HTML 18Page - STMicroelectronics AN2689 Datasheet HTML 19Page - STMicroelectronics AN2689 Datasheet HTML 20Page - STMicroelectronics AN2689 Datasheet HTML 21Page - STMicroelectronics AN2689 Datasheet HTML 22Page - STMicroelectronics AN2689 Datasheet HTML 23Page - STMicroelectronics AN2689 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Data line protection
AN2689
20/42
Doc ID 14310 Rev 3
Figure 23.
Package and internal circuit of the ESDA25LY
This device has the following characteristics:
Figure 24.
Peak pulse power versus exponential time duration
In the same way as for the SM6T27AY, the calculations give:
Rd = 1 , Vcl = 42.5 V, Ipp = 12.5 A
then Ppp = 531 W
and the t’ current pulse duration is still 457 ns.
Figure 24 shows that for 457 ns pulse duration the maximum power the ESDA25LY can
dissipate is higher than 2 kW. The ambient temperature derating makes a maximum power
dissipation higher than 1.5 kW so the ESDA25LY device would be suitable in this protection
application.
Table 4.
ESDA25LY electrical characteristics
Order code
VBR @ IR
IRM @ VRM
VF@ IF
Rd
TC
min.
max.
max.
max.
typ.(1)
1.
Square pulse, Ipp = 15 A, tp = 2.5 µs.
max.(2)
2.
 VBR = T* (T
amb - 25 °C) * VBR (25 °C)
typ.
0 V bias
VV
mA
µA
VV
mA
m
10-4/°C
pF
ESDA25LY
25
30
1
1
24
1.2
10
1000
10
50
1
2
3
1
2
3
1
10
100
10
100
1000
3000
t (µs)
p
P
(W)
PP
T initial = 25°C
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com