Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2689 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 15Page - STMicroelectronics AN2689 Datasheet HTML 16Page - STMicroelectronics AN2689 Datasheet HTML 17Page - STMicroelectronics AN2689 Datasheet HTML 18Page - STMicroelectronics AN2689 Datasheet HTML 19Page - STMicroelectronics AN2689 Datasheet HTML 20Page - STMicroelectronics AN2689 Datasheet HTML 21Page - STMicroelectronics AN2689 Datasheet HTML 22Page - STMicroelectronics AN2689 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
AN2689
Data line protection
Doc ID 14310 Rev 3
19/42
It becomes then
then
So to determine the time duration (t’) at half value of the max current crossing the Transil,
use the equation:
which reduces to
This produces a duration of t’ = 457 ns.
If now we use this value in the peak pulse power versus exponential pulse duration graph in
Figure 20, we can see that the SM6T27AY Transil is able to withstand more than 100 kW
power dissipation for a 457 ns pulse duration (extrapolation of Figure 20). As the application
can be submitted to an ambient temperature of +85 °C maximum, it is necessary to apply a
derating factor to this value. Figure 22 from the datasheet indicates the derating factor we
must apply.
Figure 22.
Peak power dissipation versus initial junction temperature
Figure 22 shows that the derating factor is about 75% of the maximum power admissible.
Then the device will be able to withstand more than 75 kW for a 457 ns surge duration as
described in this example.
So compared to the application example where PPP = 392 W, the SM6T27AY device is more
than suitable for the application
The SM6T27AY is too powerful with regards to the ISO 10605 test. Then, consider the use
of a less powerful device such as the ESDA25LY shown in Figure 23.
()
()
()
Rd
Rs
C
t
Rd
Rs
C
Vbr
Vc
C
t
Ic
+
-
+
-
-
=exp
-1
)
(
0
()
Rd
Rs
C
t
Rd
Rs
Vbr
Vc
t
Ic
+
-
+
-
=exp
)
(
0
()
exp
2
1
'
0
0
Rd
Rs
Vbr
Vc
Rd
Rs
Vbr
Vc
Rd
Rs
C
t
+
-
=
+
-
+
-
() 2
ln
'Rd
Rs
C
t+
=
0
100
200
300
400
500
600
700
10/1000 µs
0
25
50
75
100
125
150
175
P
pp (W)
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com