Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2689 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 29Page - STMicroelectronics AN2689 Datasheet HTML 30Page - STMicroelectronics AN2689 Datasheet HTML 31Page - STMicroelectronics AN2689 Datasheet HTML 32Page - STMicroelectronics AN2689 Datasheet HTML 33Page - STMicroelectronics AN2689 Datasheet HTML 34Page - STMicroelectronics AN2689 Datasheet HTML 35Page - STMicroelectronics AN2689 Datasheet HTML 36Page - STMicroelectronics AN2689 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AN2689
PCB layout recommendations
Doc ID 14310 Rev 3
33/42
5
PCB layout recommendations
Once the protection device has been selected, the designer has to pay attention to the
device placement on the board. This is because the device placement has a big impact on
protection efficiency and on parasitic electromagnetic coupling.
5.1
Parasitic inductances of the Transil and the PCB tracks
5.1.1
Parasitic inductance from Transil wiring
Figure 45 provides an example of a protection schematic.
Figure 45.
Protection circuit schematic using a Transil
Figure 46. shows what happens in the circuit when an over voltage occurs on the sensitive
protected line. The over voltage surge is suppressed by the Transil. When the voltage
reaches the breakdown voltage of the Transil, a current I crosses the protection device and a
residual voltage V is applied at the module input line.
Figure 46.
Current and voltage at the Transil termination when a surge is applied
This is the simple representation of the Transil action but in fact things are more complicated
and the more realistic circuit is given in Figure 47.
Module to protect
Vnom
Vmax
Transil
Sensitive line
Module to protect
Vnom
Vmax
Transil
Sensitive line
Vs
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com