Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3031 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 2Page - STMicroelectronics AN3031 Datasheet HTML 3Page - STMicroelectronics AN3031 Datasheet HTML 4Page - STMicroelectronics AN3031 Datasheet HTML 5Page - STMicroelectronics AN3031 Datasheet HTML 6Page - STMicroelectronics AN3031 Datasheet HTML 7Page - STMicroelectronics AN3031 Datasheet HTML 8Page - STMicroelectronics AN3031 Datasheet HTML 9Page - STMicroelectronics AN3031 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Description
AN3031
6/28
Doc ID 16144 Rev 1
2.1
SCLT3-8BT8
The SCLT3-8BT8 (current limited termination) is an eight-channel digital input termination
device designed for 24 VDC automation applications. Typical applications for this device
include PLCs (programmable logic controllers), PACs (programmable automation
controllers), distributed I/O systems, etc. The device works as an interface for mechanical
switches, relay contacts and two-wire or three-wire digital sensors (also known as proximity
switches).
Available in eight-channel configuration, it offers a high-density termination by minimizing
the external component count. It is housed in a HTSSOP-38 surface mount package to
reduce the printed circuit board size.
The chip consists of a parallel input voltage protection circuit, a current limiting circuit which
regulates the channel current and feeds the indicator LEDs, a digital filter to prevent glitches,
a voltage regulator and SPI communication peripheral.
The SCLT3-8BT8 device is connected between the sensors and the application
microcontroller, FPGA or ASIC. The current limiting circuit is compensated over the entire
temperature range. Thanks to its low tolerance, the current limitation allows drastic reduction
of dissipation compared to a resistive input (discrete solution) - the overall module requires
less cooling capability and is smaller.
Thanks to integrated SPI communication, the solution reduces the number of lines which
typically need to be galvanically isolated, making the application more cost-effective. In a
16-bit input interface, conventional solutions require 16 isolators to decouple the control part
from an industrial environment. With the SCLT3-8BT8, the two-chip solution (16-bit
interface) connected in a daisy chain configuration requires only 3 isolators. In addition to
the input data, it also provides device status information including thermal alarm,
undervoltage indication, and others. Parity check bits for higher reliability are also included
in the frame extension.
The SCLT3-8BT8 device principal block diagram and recommended application structure is
provided in Figure 2 and Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com