Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3031 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 20Page - STMicroelectronics AN3031 Datasheet HTML 21Page - STMicroelectronics AN3031 Datasheet HTML 22Page - STMicroelectronics AN3031 Datasheet HTML 23Page - STMicroelectronics AN3031 Datasheet HTML 24Page - STMicroelectronics AN3031 Datasheet HTML 25Page - STMicroelectronics AN3031 Datasheet HTML 26Page - STMicroelectronics AN3031 Datasheet HTML 27Page - STMicroelectronics AN3031 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
EMC requirements
AN3031
24/28
Doc ID 16144 Rev 1
6.5
Conducted disturbance tests
(according to the IEC 61000-4-6)
The conducted radio frequency interference test must be applied on all input pins of the
system. The frequency range is 150 kHz to 80 MHz, with 80% amplitude modulation of a 1
kHz sinusoidal wave. A CDN (coupling/decoupling network) or a current coupling clamp (as
described in the IEC 61000-4-6 standard) must be used to apply stress to the system. The
required level is: 3 VRMS, whatever the tested system input is. The PLC system shall
continue to operate as intended. No loss of function or performance is acceptable (criteria
“A” according to the IEC 61131-2 standard).
6.6
Reverse analog input polarity tests
The test procedure is described in the IEC 61131-2 standard (paragraph 5.4.4.5 of Ed2 of
the standard). A signal of reverse polarity (negative voltage) for unipolar analog inputs is
applied for 10s. The result of this test shall be as stated by the manufacturer. Each input of
the SCLT3-8BT8 device may be biased to a reverse polarity. This case corresponds to a
connection mistake, or a reverse biasing that is generated by the demagnetization of a
monitored inductive solenoid. The input involved withstands the high reverse current up to
20 mA; its corresponding bit in the data frame remains in a logic low state. The other inputs
remain operational. Considering the supply operation, a reverse blocking diode can be
connected between the module ground and the common COM pin to protect the application
(especially the serial resistors) from a spurious reverse supply connection. The thermal
management of this accidental situation is described in Section 4: SPI communication
speed calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com