Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3031 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 6Page - STMicroelectronics AN3031 Datasheet HTML 7Page - STMicroelectronics AN3031 Datasheet HTML 8Page - STMicroelectronics AN3031 Datasheet HTML 9Page - STMicroelectronics AN3031 Datasheet HTML 10Page - STMicroelectronics AN3031 Datasheet HTML 11Page - STMicroelectronics AN3031 Datasheet HTML 12Page - STMicroelectronics AN3031 Datasheet HTML 13Page - STMicroelectronics AN3031 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Description
AN3031
10/28
Doc ID 16144 Rev 1
Figure 5.
Application connection diagram - part 2
MI CRO_GND
MI CRO_VCC
MI CRO_GND
MI SO_uC
CLK_uC
nCS_uC
SPI_MASTER to be connected
SGND
VDD
MI CRO_GND
100 nF
C2
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
CN10
MLW 20G
1
SCK
Test point
CLK_uC
1
CS
Test point
nCS_uC
1
MI SO
Test point
MI SO_uC
1
GND_MICRO
Test point
MI CRO_GND
10 µF / 6.3 V
C13
10 µF / 6.3 V
C14
VDD
SGND
330
Ω
R48
nCS_uC
CLK_uC
MI CRO_VCC
330
Ω
R57
MICRO_VCC
100 nF
C25
330
Ω
R59
330
Ω
R49
330
Ω
R60
MI CRO_GND
MISO_uC
330
Ω
R58
SGND
MISO_SCLT
SCK_OPT
nCS_OPT
5
7
8
1
3
2
Shield
GND
VDD
C1
A1
4
6
A2
C2
Vo1
Vo2
U5
ACPL-K73L
4
5
6
1
3
2
Shield
GND
VDD
Vo
C
A
NC
U6
ACPL-W70L
Isolation barrier
AM00618



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com