Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3031 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 8Page - STMicroelectronics AN3031 Datasheet HTML 9Page - STMicroelectronics AN3031 Datasheet HTML 10Page - STMicroelectronics AN3031 Datasheet HTML 11Page - STMicroelectronics AN3031 Datasheet HTML 12Page - STMicroelectronics AN3031 Datasheet HTML 13Page - STMicroelectronics AN3031 Datasheet HTML 14Page - STMicroelectronics AN3031 Datasheet HTML 15Page - STMicroelectronics AN3031 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Description
AN3031
12/28
Doc ID 16144 Rev 1
Table 1.
Bill of material
Designator
Qty
Comment
Description
Footprint
C1, C4, C6, C18
4
33 nF
Ceramic capacitor
SMD 0805
C2, C25
2
100 nF
Ceramic capacitor
SMD 0805
C13, C14
2
10 µF / 6.3 V
Tantalum capacitor
SMD 1210
C19, C20, C21, C22, C23
5
100 pF
Ceramic capacitor
SMD 0805
C40, C41, C42, C43, C44, C45,
C46, C47, C48, C49, C50, C51,
C52, C53, C54, C55
16
1 nF
Ceramic capacitor
SMD 1206
CN1, CN2, CN3, CN4
4
MDSTB 2,5/ 2-G-5,08
Terminal block - Phoenix
Contact
THT
CN1_Plug, CN2_Plug, CN3_Plug,
CN4_Plug
4
MSTB 2,5/ 4-ST-5,08
Terminal block - Phoenix
Contact
THT
CN9
1
MSTB 2,5/ 2-G-5,08
Terminal block - Phoenix
Contact
THT
CN9_Plug
1
MSTB 2,5/ 2-ST-5,08
Terminal block - Phoenix
Contact
THT
CN10
1
MLW20G
Header, 10-pin, dual row,
with key
THT
CS, GND_MICRO, GND_PWR,
MISO, SCK
5
Test point
Header, 1-pin
THT
JMP1, JMP2
2
Header
Header 2-pins / 2.54 mm for
jumper
THT
JMP1_Socket, JMP2_Socket
2
Jumper
Jumper 2.54 mm
THT
LED0, LED1, LED2, LED3, LED4,
LED5, LED6, LED7, LED8, LED9,
LED10, LED11, LED12, LED13,
LED14, LED15
16
LED SMD
Green LED
SMD 0805
R1, R3, R4, R5, R8, R10, R11,
R12, R13, R14, R15, R16, R17,
R18, R20, R21
16
2.2 k
Ω
Resistor - high peak power
SMD MELF 0207
R2, R19
2
51 k
Ω
Resistor
SMD 0805
R6, R22
2
1 k
Ω
Resistor - high peak power
SMD MELF 0207
R7, R24
2
15 k
Ω
Resistor
SMD 0805
R43
1
1.5 M
Ω
Resistor - high peak power
SMD MELF 0207
R44
1
120 k
Ω
Resistor - high peak power
SMD MELF 0207
R48, R49, R57, R58, R59, R60
6
330
Ω
Resistor
SMD 0805
R52, R53, R54, R55, R56
5
220
Ω
Resistor
SMD 0805
R50, R51
2
22
Ω
Resistor
SMD 0805
U1, U2
2
SCLT3-8BT8
Digital input termination
SMD HTSSOP 38
U5
1
ACPL-K73L
Optocoupler
SMD SO8-wide
U6
1
ACPL-W70L
Optocoupler
SMD SO6-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com