Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3031 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3031 Datasheet HTML 1Page - STMicroelectronics AN3031 Datasheet HTML 2Page - STMicroelectronics AN3031 Datasheet HTML 3Page - STMicroelectronics AN3031 Datasheet HTML 4Page - STMicroelectronics AN3031 Datasheet HTML 5Page - STMicroelectronics AN3031 Datasheet HTML 6Page - STMicroelectronics AN3031 Datasheet HTML 7Page - STMicroelectronics AN3031 Datasheet HTML 8Page - STMicroelectronics AN3031 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
October 2009
Doc ID 16144 Rev 1
1/28
AN3031
Application note
SCLT3-8 input termination demonstration board
STEVAL-IFP007V1
1
Introduction
The SCLT3-8BT8 is an eight channel termination used for interfacing automation digital
inputs. It is designed for 24 VDC applications and meets type 3 input characteristics in
accordance with IEC 61131-2 (programmable controllers international standard). The chip
integrates an SPI peripheral output for communication with logic/ASIC/microcontroller. Its
structure allows the transfer not only of the data but also of additional information including
thermal alarm, undervoltage indication and parity bits. It is particularly beneficial for
applications with high channel counts. The serial communication allows for reduction of the
number of lines, which in most applications need to be galvanically isolated.
The device optimizes the input VI characteristic shape to reduce power dissipation. This
becomes critical when the application enclosure requires higher protection levels, such as
IP codes IP65 and IP67. These closed cabinets are used in various automated lines,
including the food industry. The power dissipated inside the module is very limited, as there
is usually no air circulation inside the box. The current limitation also reduces power losses
on the sensor side.
Another important parameter is electrical protection and susceptibility of the application.
The SCLT3-8BT8 implements large protection diodes on each input and supply voltage line.
Serial resistors ensure a higher level of susceptibility than required.
Thanks to its compact package, an SCLT3-8BT8 application occupies little space on the
PCB compared to discrete solutions.
Figure 1.
STEVAL-IFP007V1 demonstration board
www.st.com


Similar Part No. - AN3031

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN303 SILABS-AN303 Datasheet
145Kb / 4P
Si55X VCXO TEMPERATURE STABILITY DEFINITION
logo
STMicroelectronics
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
The purpose of this note is to familiarize
24-Apr-2009
AN3032 STMICROELECTRONICS-AN3032 Datasheet
1Mb / 26P
This application note describes a demonstration board able to drive
14-Jun-2010
More results

Similar Description - AN3031

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
STMicroelectronics
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
16-bit PLC digital input card demonstration board based on the SCLT3
05-May-2009
logo
Winbond
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
STEVAL-IFP008V1 STMICROELECTRONICS-STEVAL-IFP008V1 Datasheet
77Kb / 4P
Demonstration board for the CLT3-4B current limited termination
27-May-2008
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
logo
Cirrus Logic
CDB1610-8W CIRRUS-CDB1610-8W Datasheet
2Mb / 21P
8 Watt Demonstration Board
CDB1610A-8W CIRRUS-CDB1610A-8W Datasheet
1Mb / 21P
8 Watt Demonstration Board
CDB1611A-8W CIRRUS-CDB1611A-8W Datasheet
1Mb / 21P
8 Watt Demonstration Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com