Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3031 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 16Page - STMicroelectronics AN3031 Datasheet HTML 17Page - STMicroelectronics AN3031 Datasheet HTML 18Page - STMicroelectronics AN3031 Datasheet HTML 19Page - STMicroelectronics AN3031 Datasheet HTML 20Page - STMicroelectronics AN3031 Datasheet HTML 21Page - STMicroelectronics AN3031 Datasheet HTML 22Page - STMicroelectronics AN3031 Datasheet HTML 23Page - STMicroelectronics AN3031 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Thermal management
AN3031
20/28
Doc ID 16144 Rev 1
5
Thermal management
The SCLT3-8BT8 device limits the current that flows in each input pin. Together with a
voltage drop on each input pin versus GND, it also creates power dissipation. Another
contribution is power dissipation coming from the supply voltage pin. The sum of both of
these portions causes an increase in the junction temperature. The maximum allowed
junction temperature of the SCLT3-8BT8 is 150 °C. The HTSSOP38 package with a given
PCB surface has a thermal resistance (junction-to-ambient) of 80 °C / W, as specified in the
device datasheet. This parameter allows the determination of the maximum ambient
temperature during device operation. The ambient temperature to take into account is the
air temperature near the component.
The main equation corresponds to the following:
Equation 6
ΔTJ-A = TJ – TA = PD RthJA
where:
●
TJ is the junction temperature,
●
TA is the ambient temperature,
●
PD: is the power dissipation,
●
RthJA is the thermal resistance junction-ambient.
This paragraph presents the method to evaluate the dissipated power.
Figure 16.
Signal conventions / protection structure
The maximum ambient temperature determines the maximum allowed
ΔTJ-A. To estimate
the maximum power dissipation, refer to the parameter of the datasheet that gives the
maximum specification of the current limitation. The purpose is to add all “thermal supplies”
inside the die. There are 2 main sources of power dissipation: the current limiters embedded
in each line of the SCLT3-8BT8 device and the current consumption of the VC pin (IC).
Current consumption of the VC pin depends on the load of the embedded linear voltage
regulator. Then, the maximum power dissipation can be estimated as follows:
Equation 7
P = 8 x [(VIN – VF) x IIN] + VC x IC - VDD x IDD
As shown in Equation 7 we must subtract the power dissipated by the indicator LEDs and
voltage regulator load.
IN1
COMP
…
SCLT3–8
RI
IC
VC
RC
Input
CI
VIN
…
VI
CC
VC
VCC
COMS
VDD
VDD
IDD
LD1
Supply
voltage
IIN
Load
VF
IIN
AM00620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com