Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3031 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 17Page - STMicroelectronics AN3031 Datasheet HTML 18Page - STMicroelectronics AN3031 Datasheet HTML 19Page - STMicroelectronics AN3031 Datasheet HTML 20Page - STMicroelectronics AN3031 Datasheet HTML 21Page - STMicroelectronics AN3031 Datasheet HTML 22Page - STMicroelectronics AN3031 Datasheet HTML 23Page - STMicroelectronics AN3031 Datasheet HTML 24Page - STMicroelectronics AN3031 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN3031
Thermal management
Doc ID 16144 Rev 1
21/28
Considering the above application structure and the following conditions:
●
VCC = 30 V
●
VI_MAX = 30 V
●
IIN_MAX = 2.7 mA
●
VIN_MAX = 24 V
●
fCLK = 1.3 MHz
●
IC = 6 mA
●
VC = 24 V
●
VF = 1.9 V
●
VDD = 5 V
●
ID = 4.5 mA
●
RC = 1 kΩ
●
RI = 2.2 kΩ
the overall chip power dissipation is:
Equation 8
PD = 8 x [(VIN – VF) x IIN] + VC x IC – VDD x IDD = 8 x [(24V – 1.9V) x 2.7mA] + 24V x 6mA – 5V x 4.5 A = 599mW
In case of a maximum allowed ambient temperature equal to 100 °C, the thermal resistance
must be lower than:
Equation 9
Since the application RTH value of the HTSSOP38 is 80 °C/W, the SCLT3-8BT8 works
correctly at this ambient temperature.
In the final application we must consider other cases also. One example is spurious
connection of one channel to negative voltage.
In this negative biasing of the input, the current (IREV) flows through the protection diode.
The voltage (VREV) is then equal to the forward voltage of the protection diode, which is
approximately 0.7 V at 16 mA.
All of the other inputs work correctly.
The total power dissipation in this case can be calculated by with the equation:
Equation 10
R
THJAMAX
ΔT
JA
–
P
D
------------------
150
° C 100° C
–
0.599W
------------------------------------------
83
° CW
⁄
==
=
I
REV
V
CC
V
REV
–
R
IN
-------------------------------
30
0.7V
–
2200
Ω
-------------------------
13mA
=
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com